Part Number Hot Search : 
XN04111 30301 030CT FA2361U SZ50D0 RU60E16L LT300 F9N50
Product Description
Full Text Search
 

To Download PMGD780SN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  PMGD780SN dual n-channel m trenchmos? standard level fet rev. 01 11 february 2004 product data mbd128 1. product pro?le 1.1 description dual n-channel enhancement mode ?eld-effect transistor in a plastic package using trenchmos? technology. 1.2 features 1.3 applications 1.4 quick reference data 2. pinning information n surface mounted package n footprint 40% smaller than sot23 n standard level threshold voltage n fast switching n low on-state resistance n dual device. n driver circuits n switching in portable appliances. n v ds 60 v n i d 0.49 a n p tot 0.41 w n r dson 920 m w . table 1: pinning - sot363 (sc-88), simpli?ed outline and symbol pin description simpli?ed outline symbol 1 source1 (s1) sot363 (sc-88) 2 gate1 (g1) 3 drain2 (d2) 4 source2 (s2) 5 gate2 (g2) 6 drain1 (d1) msa370 123 654 top view s 1 d 1 g 1 s 2 msd901 d 2 g 2
philips semiconductors PMGD780SN dual n-channel m trenchmos? standard level fet product data rev. 01 11 february 2004 2 of 12 9397 750 12758 ? koninklijke philips electronics n.v. 2004. all rights reserved. 3. ordering information 4. limiting values [1] single device conducting. table 2: ordering information type number package name description version PMGD780SN sc-88 plastic surface mounted package; 6 leads sot363 table 3: limiting values in accordance with the absolute maximum rating system (iec 60134). symbol parameter conditions min max unit v ds drain-source voltage (dc) 25 c t j 150 c - 60 v v dgr drain-gate voltage (dc) 25 c t j 150 c; r gs =20k w -60v v gs gate-source voltage (dc) - 20 v i d drain current (dc) t sp =25 c; v gs =10v; figure 2 and 3 [1] - 0.49 a t sp = 100 c; v gs =10v; figure 2 [1] - 0.31 a i dm peak drain current t sp =25 c; pulsed; t p 10 m s; figure 3 [1] - 0.99 a p tot total power dissipation t sp =25 c; figure 1 - 0.41 w t stg storage temperature - 55 +150 c t j junction temperature - 55 +150 c source-drain diode i s source (diode forward) current (dc) t sp =25 c [1] - 0.34 a i sm peak source (diode forward) current t sp =25 c; pulsed; t p 10 m s [1] - 0.69 a
philips semiconductors PMGD780SN dual n-channel m trenchmos? standard level fet product data rev. 01 11 february 2004 3 of 12 9397 750 12758 ? koninklijke philips electronics n.v. 2004. all rights reserved. fig 1. normalized total power dissipation as a function of solder point temperature. fig 2. normalized continuous drain current as a function of solder point temperature. t sp =25 c; i dm is single pulse; v gs =10v. fig 3. safe operating area; continuous and peak drain currents as a function of drain-source voltage. 03aa17 0 40 80 120 0 50 100 150 200 (%) t sp ( c) p der 03aa25 0 40 80 120 0 50 100 150 200 t sp ( c) i der (%) p der p tot p tot 25 c () ----------------------- 100 % = i der i d i d25c () ------------------- 100 % = 03an22 10 -3 10 -2 10 -1 1 10 10 -1 1 10 10 2 v ds (v) i d (a) dc 10 ms limit r dson = v ds / i d 1 ms t p = 10 m s 100 ms 100 m s
philips semiconductors PMGD780SN dual n-channel m trenchmos? standard level fet product data rev. 01 11 february 2004 4 of 12 9397 750 12758 ? koninklijke philips electronics n.v. 2004. all rights reserved. 5. thermal characteristics 5.1 transient thermal impedance table 4: thermal characteristics symbol parameter conditions min typ max unit r th(j-sp) thermal resistance from junction to solder point figure 4 - - 300 k/w fig 4. transient thermal impedance from junction to solder point as a function of pulse duration. 03an28 1 10 10 2 10 3 10 -4 10 -3 10 -2 10 -1 1 10 t p (s) z th(j-sp) (k/w) single pulse d = 0.5 0.2 0.1 0.05 0.02 t p t p t p t t d =
philips semiconductors PMGD780SN dual n-channel m trenchmos? standard level fet product data rev. 01 11 february 2004 5 of 12 9397 750 12758 ? koninklijke philips electronics n.v. 2004. all rights reserved. 6. characteristics table 5: characteristics t j =25 c unless otherwise speci?ed. symbol parameter conditions min typ max unit static characteristics v (br)dss drain-source breakdown voltage i d = 250 m a; v gs =0v t j =25 c 60--v t j = - 55 c 55--v v gs(th) gate-source threshold voltage i d = 0.25 ma; v ds =v gs ; figure 9 t j =25 c 12- v t j = 150 c 0.6 - - v t j = - 55 c - - 3.5 v i dss drain-source leakage current v ds =60v; v gs =0v t j =25 c - 0.05 1 m a t j = 150 c - - 100 m a i gss gate-source leakage current v gs = 20 v; v ds = 0 v - 10 100 na r dson drain-source on-state resistance v gs = 10 v; i d = 0.3 a; figure 7 and 8 t j =25 c - 780 920 m w t j = 150 c - 1445 1700 m w v gs = 4.5 v; i d = 0.075 a; figure 7 and 8 - 1100 1400 m w dynamic characteristics q g(tot) total gate charge i d = 1 a; v dd =30v; v gs =10v; figure 13 - 1.05 - nc q gs gate-source charge - 0.2 - nc q gd gate-drain (miller) charge - 0.22 - nc c iss input capacitance v gs =0v; v ds = 30 v; f = 1 mhz; figure 11 -23-pf c oss output capacitance - 5 - pf c rss reverse transfer capacitance - 3.5 - pf t d(on) turn-on delay time v dd =30v; r l =30 w ; v gs =10v; r g =6 w -2-ns t r rise time -4-ns t d(off) turn-off delay time - 5 - ns t f fall time - 2.2 - ns source-drain diode v sd source-drain (diode forward) voltage i s = 0.3 a; v gs =0v; figure 12 - 0.83 1.2 v
philips semiconductors PMGD780SN dual n-channel m trenchmos? standard level fet product data rev. 01 11 february 2004 6 of 12 9397 750 12758 ? koninklijke philips electronics n.v. 2004. all rights reserved. t j =25 ct j =25 c and 150 c; v ds > i d xr dson fig 5. output characteristics: drain current as a function of drain-source voltage; typical values. fig 6. transfer characteristics: drain current as a function of gate-source voltage; typical values. t j =25 c fig 7. drain-source on-state resistance as a function of drain current; typical values. fig 8. normalized drain-source on-state resistance factor as a function of junction temperature. 03an88 0 0.5 1 1.5 2 0123 v ds (v) i d (a) 10 v 6 v 5 v 3.5 v 4 v 4.5 v v gs = 3 v 03an90 0 0.2 0.4 0.6 0.8 1 012345 v gs (v) i d (a) v ds > i d x r dson t j = 150 c 25 c 03an89 0 1 2 3 0 0.2 0.4 0.6 0.8 1 i d (a) r dson ( w ) 10 v 6 v 5 v v gs = 3.5 v 4 v 4.5 v 03aa28 0 0.6 1.2 1.8 2.4 -60 0 60 120 180 a t j ( c) a r dson r dson 25 c () ---------------------------- - =
philips semiconductors PMGD780SN dual n-channel m trenchmos? standard level fet product data rev. 01 11 february 2004 7 of 12 9397 750 12758 ? koninklijke philips electronics n.v. 2004. all rights reserved. i d = 0.25 ma; v ds =v gs t j =25 c; v ds =5v fig 9. gate-source threshold voltage as a function of junction temperature. fig 10. sub-threshold drain current as a function of gate-source voltage. v gs = 0 v; f = 1 mhz fig 11. input, output and reverse transfer capacitances as a function of drain-source voltage; typical values. 03aa34 0 0.6 1.2 1.8 2.4 -60 0 60 120 180 t j ( c) v gs(th) (v) typ min 03an32 1e-8 1e-7 10 -6 10 -5 10 -4 10 -3 00.511.522.5 v gs (v) i d (a) min typ 03an92 1 10 10 2 10 -1 1 10 10 2 v ds (v) c (pf) c iss c oss c rss
philips semiconductors PMGD780SN dual n-channel m trenchmos? standard level fet product data rev. 01 11 february 2004 8 of 12 9397 750 12758 ? koninklijke philips electronics n.v. 2004. all rights reserved. t j =25 c and 150 c; v gs =0v i d = 1 a; v dd =30v fig 12. source (diode forward) current as a function of source-drain (diode forward) voltage; typical values. fig 13. gate-source voltage as a function of gate charge; typical values. 03an91 0 0.2 0.4 0.6 0.8 1 0 0.3 0.6 0.9 1.2 v sd (v) i s (a) t j = 25 c 150 c v gs = 0 v 03an93 0 2 4 6 8 10 0 0.3 0.6 0.9 1.2 q g (nc) v gs (v) i d = 1 a t j = 25 c v dd = 30 v
philips semiconductors PMGD780SN dual n-channel m trenchmos? standard level fet product data rev. 01 11 february 2004 9 of 12 9397 750 12758 ? koninklijke philips electronics n.v. 2004. all rights reserved. 7. package outline fig 14. sot363, (sc-88) references outline version european projection issue date iec jedec eiaj sot363 sc-88 wb m b p d e 1 e pin 1 index a a 1 l p q detail x h e e v m a a b y 0 1 2 mm scale c x 13 2 4 5 6 plastic surface mounted package; 6 leads sot363 unit a 1 max b p cd e e 1 h e l p qy w v mm 0.1 0.30 0.20 2.2 1.8 0.25 0.10 1.35 1.15 0.65 e 1.3 2.2 2.0 0.2 0.1 0.2 dimensions (mm are the original dimensions) 0.45 0.15 0.25 0.15 a 1.1 0.8 97-02-28
philips semiconductors PMGD780SN dual n-channel m trenchmos? standard level fet product data rev. 01 11 february 2004 10 of 12 9397 750 12758 ? koninklijke philips electronics n.v. 2004. all rights reserved. 8. soldering 9. revision history dimensions in mm. fig 15. re?ow soldering footprint for sot363 (sc-88). table 6: revision history rev date cpcn description 01 20040211 - product data (9397 750 12758). msa432 solder lands solder resist occupied area solder paste 1.20 2.40 0.50 (4 ) 0.40 (2 ) 0.90 2.10 0.50 (4 ) 0.60 (2 ) 2.35 2.65
9397 750 12758 philips semiconductors PMGD780SN dual n-channel m trenchmos? standard level fet ? koninklijke philips electronics n.v. 2004. all rights reserved. product data rev. 01 11 february 2004 11 of 12 9397 750 12758 philips semiconductors PMGD780SN dual n-channel m trenchmos? standard level fet ? koninklijke philips electronics n.v. 2004. all rights reserved. product data rev. 01 11 february 2004 11 of 12 contact information for additional information, please visit http://www.semiconductors.philips.com . for sales of?ce addresses, send e-mail to: sales.addresses@www.semiconductors.philips.com . fax: +31 40 27 24825 10. data sheet status [1] please consult the most recently issued data sheet before initiating or completing a design. [2] the product status of the device(s) described in this data sheet may have changed since this data sheet was published. the l atest information is available on the internet at url http://www.semiconductors.philips.com. [3] for data sheets describing multiple type numbers, the highest-level product status determines the data sheet status. 11. de?nitions short-form speci?cation the data in a short-form speci?cation is extracted from a full data sheet with the same type number and title. for detailed information see the relevant data sheet or data handbook. limiting values de?nition limiting values given are in accordance with the absolute maximum rating system (iec 60134). stress above one or more of the limiting values may cause permanent damage to the device. these are stress ratings only and operation of the device at these or at any other conditions above those given in the characteristics sections of the speci?cation is not implied. exposure to limiting values for extended periods may affect device reliability. application information applications that are described herein for any of these products are for illustrative purposes only. philips semiconductors make no representation or warranty that such applications will be suitable for the speci?ed use without further testing or modi?cation. 12. disclaimers life support these products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. philips semiconductors customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify philips semiconductors for any damages resulting from such application. right to make changes philips semiconductors reserves the right to make changes in the products - including circuits, standard cells, and/or software - described or contained herein in order to improve design and/or performance. when the product is in full production (status production), relevant changes will be communicated via a customer product/process change noti?cation (cpcn). philips semiconductors assumes no responsibility or liability for the use of any of these products, conveys no licence or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise speci?ed. 13. trademarks trenchmos is a trademark of koninklijke philips electronics n.v. level data sheet status [1] product status [2][3] de?nition i objective data development this data sheet contains data from the objective speci?cation for product development. philips semiconductors reserves the right to change the speci?cation in any manner without notice. ii preliminary data quali?cation this data sheet contains data from the preliminary speci?cation. supplementary data will be published at a later date. philips semiconductors reserves the right to change the speci?cation without notice, in order to improve the design and supply the best possible product. iii product data production this data sheet contains data from the product speci?cation. philips semiconductors reserves the right to make changes at any time in order to improve the design, manufacturing and supply. relevant changes will be communicated via a customer product/process change noti?cation (cpcn).
? koninklijke philips electronics n.v. 2004. printed in the netherlands all rights are reserved. reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. the information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. no liability will be accepted by the publisher for any consequence of its use. publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights. date of release: 11 february 2004 document order number: 9397 750 12758 contents philips semiconductors PMGD780SN dual n-channel m trenchmos? standard level fet 1 product pro?le . . . . . . . . . . . . . . . . . . . . . . . . . . 1 1.1 description . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 1.2 features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 1.3 applications . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 1.4 quick reference data. . . . . . . . . . . . . . . . . . . . . 1 2 pinning information . . . . . . . . . . . . . . . . . . . . . . 1 3 ordering information . . . . . . . . . . . . . . . . . . . . . 2 4 limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 2 5 thermal characteristics. . . . . . . . . . . . . . . . . . . 4 5.1 transient thermal impedance . . . . . . . . . . . . . . 4 6 characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . 5 7 package outline . . . . . . . . . . . . . . . . . . . . . . . . . 9 8 soldering . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 9 revision history . . . . . . . . . . . . . . . . . . . . . . . . 10 10 data sheet status . . . . . . . . . . . . . . . . . . . . . . . 11 11 de?nitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11 12 disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11 13 trademarks. . . . . . . . . . . . . . . . . . . . . . . . . . . . 11


▲Up To Search▲   

 
Price & Availability of PMGD780SN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X